PART |
Description |
Maker |
AT76C402 |
USB and Parallel Port Mode Integrated CMOS Imager
|
Atmel
|
CY7C016-25AI CY7C006-35AI CY7C006-55AC CY7C006-55A |
16K x 8/9 Dual-Port Static RAM with Sem, Int, Busy 16K X 8 DUAL-PORT SRAM, 25 ns, PQCC68 16K x 8/9 Dual-Port Static RAM with Sem, Int, Busy 16K X 9 DUAL-PORT SRAM, 25 ns, PQFP80 16K x 8/9 Dual-Port Static RAM with Sem, Int, Busy 16K X 9 DUAL-PORT SRAM, 35 ns, PQFP80 16K x 8/9 Dual-Port Static RAM with Sem, Int, Busy 16K X 8 DUAL-PORT SRAM, 35 ns, PQCC68 16K x 8/9 Dual-Port Static RAM with Sem, Int, Busy 16K X 8 DUAL-PORT SRAM, 35 ns, PQFP64 16K x 9 Dual-Port Static RAM with Sem, Int, Busy( 带Sem, Int, Busyy输入端的16K x 9位双端口静态RAM) 16K x 8 Dual-Port Static RAM with Sem, Int, Busy(带SemIntBusy双端口静态RAM) From old datasheet system
|
http:// Cypress Semiconductor, Corp. Cypress Semiconductor Corp. CYPRESS[Cypress Semiconductor]
|
U444-06N-DGU-C |
USB 3.1 Gen 1 USB-C to DVI External Video Adapter with USB-A Hub, USB-C Charging Port & Gigabit Ethernet Port
|
Tripp Lite. All Rights ...
|
M74HC4078 M54HC4078 1971 M74HC4078B1R M74HC4078M1R |
12-Bit DAC Parallel Voltage Out Pgrmable Int Ref Settling Time, Pwr Consumption, 8-bit uC Comp Int 20-SOIC 0 to 70 8 INPUT NOR/OR GATE From old datasheet system
|
意法半导 STMICROELECTRONICS[STMicroelectronics]
|
CY7B138 CY7B138-15JC CY7B139-25JC CY7B139-25JI CY7 |
4K x8/9 Dual-Port Static RAM with Sem, Int, Busy 4K X 8 MULTI-PORT SRAM, 15 ns, CPGA68 4K x8/9 Dual-Port Static RAM with Sem, Int, Busy 4K X 8 MULTI-PORT SRAM, 25 ns, CPGA68 4K x8/9 Dual-Port Static RAM with Sem, Int, Busy 4K X 8 MULTI-PORT SRAM, 35 ns, CPGA68
|
Cypress Semiconductor Corp. CYPRESS[Cypress Semiconductor]
|
FDC37C665GT FDC37C666GT |
High-Performance Multi-Mode Parallel Port Super I/O Floppy Disk Controllers
|
ETC
|
CY7C138-25JXC CY7C138-15JXC CY7C138-35JC CY7C138-3 |
4K x 8/9 Dual-Port Static RAM with Sem, Int, Busy
|
Cypress Semiconductor
|
CY7C144 7C144 |
8K x 8/9 Dual-Port Static RAMwith Sem, Int, Busy From old datasheet system
|
Cypress
|
PCA9506 |
40-bit I2C-bus I/O port with RESET, OE, and INT 40位I2C总线的I / O端口复位,光电,和INT
|
NXP Semiconductors N.V.
|
OXUF922 OXU210HP OXU921S OXU921DS OXUSB950 OXUSB95 |
The PCI Parallel Port USB2.0 to Quad Serial Port Bridge
|
http:// OXFORD[Oxford Semiconductor]
|
|